データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1973 データシート(PDF) 14 Page - ams AG

部品番号 AS1973
部品情報  Low-Voltage Single/Dual/Quad Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS1973 データシート(HTML) 14 Page - ams AG

Back Button AS1973 Datasheet HTML 10Page - ams AG AS1973 Datasheet HTML 11Page - ams AG AS1973 Datasheet HTML 12Page - ams AG AS1973 Datasheet HTML 13Page - ams AG AS1973 Datasheet HTML 14Page - ams AG AS1973 Datasheet HTML 15Page - ams AG AS1973 Datasheet HTML 16Page - ams AG AS1973 Datasheet HTML 17Page - ams AG AS1973 Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
14 - 18
AS1970
Data Sheet - Pa ckage Drawings and Mark ings
10 Package Drawings and Markings
The AS1970 - AS1975 are available in a 5-pin SOT23 package and an 8-pin MSOP package.
Figure 23. 5-pin SOT23 Package
Notes:
1. Controlling dimension is millimeters.
2. Foot length measured at intercept point between datum A and lead surface.
3. Package outline exclusive of mold flash and metal burr.
4. Package outline inclusive of solder plating.
5. Meets JEDEC MO178.
Symbol
Min
Max
A0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
b0.30
0.50
C0.09
0.20
D2.80
3.05
E2.60
3.00
E1
1.50
1.75
L0.30
0.55
e0.95 REF
e1
1.90 REF
α
0º
8º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18