データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5035 データシート(PDF) 5 Page - ams AG

部品番号 AS5035
部品情報  PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5035 データシート(HTML) 5 Page - ams AG

  AS5035 Datasheet HTML 1Page - ams AG AS5035 Datasheet HTML 2Page - ams AG AS5035 Datasheet HTML 3Page - ams AG AS5035 Datasheet HTML 4Page - ams AG AS5035 Datasheet HTML 5Page - ams AG AS5035 Datasheet HTML 6Page - ams AG AS5035 Datasheet HTML 7Page - ams AG AS5035 Datasheet HTML 8Page - ams AG AS5035 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AS5035 – 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 5 of 17
7
Zero Position Programming
Zero Position Programming is an OTP option that simplifies
assembly of a system, as the magnet does not need to be
manually adjusted to the mechanical zero position. Once
the assembly is completed, the mechanical and electrical
zero positions can be matched by software. Any position
within a full turn can be defined as the permanent new
index position.
For Zero Position Programming, the magnet is turned to
the mechanical zero position (e.g. the “off”-position of a
rotary switch) and an automatic zero position programming
is applied.
The zero position is programmed to an accuracy of +/-
0.35°.
Figure 6: Hardware connection of AS5035 to AS50xx Demoboard for Zero Position Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17