| データシートサーチシステム |
|
AS8202NF データシート(PDF) 12 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8202NF データシート(HTML) 12 Page - ams AG |
|
12 / 20 page ![]() www.austriamicrosystems.com and TTTech Computertechnik AG Revision 2.1 12 - 20 AS8202NF TTP-C2NF Data Sheet - Deta iled Description Figure 4. Write Access Timing (CEB Controlled) Figure 5. Write Access Timing (WEB Controlled) Figure 6. Read Access Timing (CEB Controlled) Figure 7. Read Access Timing (OEB Controlled) Synchronous READYB Generation Figure 8. Synchronous READYB Timing Synchronous READYB is aligned to host clock (with pulse duration of one host clock cycle) to fulfill the required host timing constraints for input setup and input hold time to/after host clock rising edge. Note: Connect USE_RAM_CLK to VDD and RAM_CLK_TESTSE to the host processor's bus clock to enable this mode of operation. Due to possible metastability occurrence, it is not recommended to be used in safety critical systems. CEB WEB A Valid Valid D OEB READYB 1a 1b 2a 2b 3 6 5 4 CEB WEB A Valid Valid D OEB READYB 1a 1b 2a 2b 6 5 3 4 CEB WEB A Valid D OEB READYB 7a 7b 8 11c 10 9 12 Invalid Valid 11a 11b CEB WEB A Valid D OEB READYB 7a 7b 8 11c 10 9 12 Invalid Valid 11a 11b asynchronous READYB RAM_CLK_TESTSE synchronous READYB 13 14 15 |