データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC12F609-H/MS データシート(PDF) 52 Page - Microchip Technology

部品番号 PIC12F609-H/MS
部品情報  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-H/MS データシート(HTML) 52 Page - Microchip Technology

Back Button PIC12F609-H/MS Datasheet HTML 48Page - Microchip Technology PIC12F609-H/MS Datasheet HTML 49Page - Microchip Technology PIC12F609-H/MS Datasheet HTML 50Page - Microchip Technology PIC12F609-H/MS Datasheet HTML 51Page - Microchip Technology PIC12F609-H/MS Datasheet HTML 52Page - Microchip Technology PIC12F609-H/MS Datasheet HTML 53Page - Microchip Technology PIC12F609-H/MS Datasheet HTML 54Page - Microchip Technology PIC12F609-H/MS Datasheet HTML 55Page - Microchip Technology PIC12F609-H/MS Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 212 page
background image
PIC12F609/615/617/12HV609/615
DS41302D-page 52
 2010 Microchip Technology Inc.
TABLE 5-1:
SUMMARY OF REGISTERS ASSOCIATED WITH GPIO
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
ANSEL
—
ADCS2(1)
ADCS1(1)
ADCS0(1)
ANS3
ANS2(1)
ANS1
ANS0
-000 1111
-000 1111
CMCON0
CMON
COUT
CMOE
CMPOL
—CMR
—CMCH
0000 -0-0
0000 -0-0
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 0000
0000 0000
IOC
—
—
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
--00 0000
--00 0000
OPTION_REG
GPPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
GPIO
—
—
GP5
GP4
GP3
GP2
GP1
GP0
--xx xxxx
--u0 u000
TRISIO
—
—
TRISIO5
TRISIO4
TRISIO3
TRISIO2
TRISIO1
TRISIO0
--11 1111
--11 1111
WPU
—
—
WPU5
WPU4
WPU3
WPU2
WPU1
WPU0
--11 1111
--11 -111
T1CON
T1GINV
TMR1GE
TICKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
uuuu uuuu
CCP1CON(1)
P1M
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
0-00 0000
0-00 0000
APFCON(1)
—
—
—
T1GSEL
—
—
P1BSEL
P1ASEL
---0 --00
---0 --00
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by GPIO.
Note
1:
PIC12F615/617/HV615 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More