| データシートサーチシステム |
|
MCP6281T-E/SL データシート(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6281T-E/SL データシート(HTML) 24 Page - Microchip Technology |
|
24 / 36 page ![]() MCP6281/1R/2/3/4/5 DS21811E-page 24 © 2008 Microchip Technology Inc. 8-Lead Plastic Dual In-Line (P) – 300 mil Body [PDIP] Notes: 1. Pin 1 visual index feature may vary, but must be located with the hatched area. 2. § Significant Characteristic. 3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" per side. 4. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Units INCHES Dimension Limits MIN NOM MAX Number of Pins N 8 Pitch e .100 BSC Top to Seating Plane A – – .210 Molded Package Thickness A2 .115 .130 .195 Base to Seating Plane A1 .015 – – Shoulder to Shoulder Width E .290 .310 .325 Molded Package Width E1 .240 .250 .280 Overall Length D .348 .365 .400 Tip to Seating Plane L .115 .130 .150 Lead Thickness c .008 .010 .015 Upper Lead Width b1 .040 .060 .070 Lower Lead Width b .014 .018 .022 Overall Row Spacing § eB – – .430 N E1 NOTE 1 D 12 3 A A1 A2 L b1 b e E eB c Microchip Technology Drawing C04-018B |