| データシートサーチシステム |
|
MCP6281T-E/ST データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6281T-E/ST データシート(HTML) 17 Page - Microchip Technology |
|
17 / 36 page ![]() © 2008 Microchip Technology Inc. DS21811E-page 17 MCP6281/1R/2/3/4/5 FIGURE 4-15: Second-Order Multiple Feedback Low-Pass Filter with an Extra Pole-Zero Pair. 4.9.3.7 Second-Order Sallen-Key Low-Pass Filter with an Extra Pole-Zero Pair Figure 4-16 is a second-order Sallen-Key low-pass filter with Chip Select. Use the FilterLab® software from Microchip to determine the R and C values for the op amp A’s second-order filter. Op amp B can be used to add a pole-zero pair using C3, R5 and R6. FIGURE 4-16: Second-Order Sallen-Key Low-Pass Filter with an Extra Pole-Zero Pair and Chip Select. 4.9.3.8 Capacitorless Second-Order Low-Pass filter with Chip Select The low-pass filter shown in Figure 4-17 does not require external capacitors and uses only three exter- nal resistors; the op amp's GBWP sets the corner frequency. R1 and R2 are used to set the circuit gain and R3 is used to set the Q. To avoid gain peaking in the frequency response, Q needs to be low (lower values need to be selected for R3). Note that the ampli- fier bandwidth varies greatly over temperature and process. However, this configuration provides a low- cost solution for applications with high bandwidth requirements. FIGURE 4-17: Capacitorless Second-Order Low-Pass Filter with Chip Select. A B CS R1 C1 R5 VIN VOUT C2 R4 R3 R2 R6 C3 MCP6285 R7 A B CS R2 C1 R1 VIN VOUT R4 R3 C2 C3 R5 MCP6285 R6 A B CS VREF VIN VOUT R2 R1 R3 MCP6285 |