データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6281RT-E/ST データシート(PDF) 22 Page - Microchip Technology

部品番号 MCP6281RT-E/ST
部品情報  450 關A, 5 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6281RT-E/ST データシート(HTML) 22 Page - Microchip Technology

Back Button MCP6281RT-E/ST Datasheet HTML 18Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 19Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 20Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 21Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 22Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 23Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 24Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 25Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
MCP6281/1R/2/3/4/5
DS21811E-page 22
© 2008 Microchip Technology Inc.
6-Lead Plastic Small Outline Transistor (CH) [SOT-23]
Notes:
1. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.127 mm per side.
2. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
6
Pitch
e
0.95 BSC
Outside Lead Pitch
e1
1.90 BSC
Overall Height
A
0.90
–
1.45
Molded Package Thickness
A2
0.89
–
1.30
Standoff
A1
0.00
–
0.15
Overall Width
E
2.20
–
3.20
Molded Package Width
E1
1.30
–
1.80
Overall Length
D
2.70
–
3.10
Foot Length
L
0.10
–
0.60
Footprint
L1
0.35
–
0.80
Foot Angle
φ
0°
–
30°
Lead Thickness
c
0.08
–
0.26
Lead Width
b
0.20
–
0.51
b
E
4
N
E1
PIN 1 ID BY
LASER MARK
D
1
2
3
e
e1
A
A1
A2
c
L
L1
φ
Microchip Technology Drawing C04-028B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36