データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC12F615-H/MF データシート(PDF) 78 Page - Microchip Technology

部品番号 PIC12F615-H/MF
部品情報  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-H/MF データシート(HTML) 78 Page - Microchip Technology

Back Button PIC12F615-H/MF Datasheet HTML 74Page - Microchip Technology PIC12F615-H/MF Datasheet HTML 75Page - Microchip Technology PIC12F615-H/MF Datasheet HTML 76Page - Microchip Technology PIC12F615-H/MF Datasheet HTML 77Page - Microchip Technology PIC12F615-H/MF Datasheet HTML 78Page - Microchip Technology PIC12F615-H/MF Datasheet HTML 79Page - Microchip Technology PIC12F615-H/MF Datasheet HTML 80Page - Microchip Technology PIC12F615-H/MF Datasheet HTML 81Page - Microchip Technology PIC12F615-H/MF Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 212 page
background image
PIC12F609/615/617/12HV609/615
DS41302D-page 78
 2010 Microchip Technology Inc.
TABLE 9-2:
SUMMARY OF REGISTERS ASSOCIATED WITH THE COMPARATOR AND
VOLTAGE REFERENCE MODULES
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
ANSEL
—
ADCS2(1)
ADCS1(1)
ADCS0(1)
ANS3
ANS2(1)
ANS1
ANS0
-000 1111
-000 1111
CMCON0
CMON
COUT
CMOE
CMPOL
—CMR
—CMCH
0000 -000
0000 -000
CMCON1
—
—
—
T1ACS
CMHYS
—
T1GSS
CMSYNC
0000 0000
0000 0000
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 000x
0000 000x
PIE1
—
ADIE(1)
CCP1IE(1)
—CMIE
—
TMR2IE(1)
TMR1IE
-00- 0-00
-00- 0-00
PIR1
—
ADIF(1)
CCP1IF(1)
—CMIF
—
TMR2IF(1)
TMR1IF
-00- 0-00
-00- 0-00
GPIO
—
—
GP5
GP4
GP3
GP2
GP1
GP0
--xx xxxx
--uu uuuu
TRISIO
—
—
TRISIO5
TRISIO4
TRISIO3
TRISIO2
TRISIO1
TRISIO0
--11 1111
--11 1111
VRCON
CMVREN
—
VRR
FVREN
VR3
VR2
VR1
VR0
0-00 0000
0-00 0000
Legend:
x = unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used for comparator.
Note
1:
For PIC12F615/617/HV615 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More