| データシートサーチシステム |
|
TS2GDOM40V-S データシート(PDF) 9 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
TS2GDOM40V-S データシート(HTML) 9 Page - Transcend Information. Inc. |
|
9 / 34 page ![]() T T Tr rra a an n ns s sc c ce e en n nd d d 4 4 40 0 0---P P Piiin n n IIID D DE E E F F Fllla a as s sh h h M M Mo o od d du u ullle e e T T TS S S1 1 12 2 28 8 8M M M ~ ~ ~ 1 1 16 6 6G G GD D DO O OM M M4 4 40 0 0V V V---S S S Transcend Information Inc. Ver 1.2 9 True IDE Multiword DMA Mode Read/Write Timing Diagram Figure 2: True IDE Multiword DMA Mode Read/Write Timing Diagram Notes: (1) If the Card cannot sustain continuous, minimum cycle time DMA transfers, it may negate DMARQ within the time specified from the start of a DMA transfer cycle to suspend the DMA transfers in progress and reassert the signal at a later time to continue the DMA operation. (2) This signal may be negated by the host to suspend the DMA transfer in progress. |