| データシートサーチシステム |
|
TS512MSDOM7H データシート(PDF) 11 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
TS512MSDOM7H データシート(HTML) 11 Page - Transcend Information. Inc. |
|
11 / 14 page ![]() T T TS S S1 1 12 2 28 8 8M M M~ ~ ~8 8 8G G GS S SD D DO O OM M M7 7 7H H H 7P Horizontal Type SATA Flash Modules Transcend Information Inc. V0.1 11 511 V Data structure checksum F=the content of the byte is fixed and does not change. V=the content of the byte is variable and may change depending on the state of the device or the commands executed by the device. X=the content of the byte is vendor specific and may be fixed or variable. R=the content of the byte is reserved and shall be zero. * 4 Byte value : [MSB] [2] [1] [LSB] |