データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM78LXXM3 データシート(PDF) 2 Page - Cystech Electonics Corp.

部品番号 LM78LXXM3
部品情報  Low Current Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78LXXM3 データシート(HTML) 2 Page - Cystech Electonics Corp.

  LM78LXXM3 Datasheet HTML 1Page - Cystech Electonics Corp. LM78LXXM3 Datasheet HTML 2Page - Cystech Electonics Corp. LM78LXXM3 Datasheet HTML 3Page - Cystech Electonics Corp. LM78LXXM3 Datasheet HTML 4Page - Cystech Electonics Corp. LM78LXXM3 Datasheet HTML 5Page - Cystech Electonics Corp. LM78LXXM3 Datasheet HTML 6Page - Cystech Electonics Corp. LM78LXXM3 Datasheet HTML 7Page - Cystech Electonics Corp. LM78LXXM3 Datasheet HTML 8Page - Cystech Electonics Corp. LM78LXXM3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C515M3
Issued Date : 2007.10.04
Revised Date : 2007.11.19
Page No. : 2/10
LM78LXXM3
CYStek Product Specification
Absolute Maximum Ratings
Parameter
Ratings
Unit
LM78L05 ~ 10
30
LM78L12 ~18
35
Input Voltage
LM78L24
40
V
Output Current
100
mA
Operating Junction Temperature Range
0 ~ 125
Storage Temperature Range
-55 ~ 150
Power Dissipation
350 (Note)
mW
Note : When tested in free air condition, without heat sinking.
Electrical Characteristics
LM78L05 (Vin=10V, Io=40mA, Tj=25
°C, Cin=0.33uF, Cout=0.1uF ,unless otherwise noted) (Note 1)
Symbol
Parameter
Min
Typ
Max
Conditions
Units
A-rank(3%)
4.85
5
5.15
Vo
B-rank(5%)
Output Voltage
4.75
-
5.25
Vin=10V, Io=40mA,Tj=25
°C
7V
≤Vin≤20V, 1mA≤Io≤40mA
7V
≤Vin≤Vmax, 1mA≤Io≤70mA (Note 2)
V
-
18
75
7V
≤Vin≤20V
ΔVo
Line Regulation
-
10
54
8V
≤Vin≤20V
mV
-
20
60
1mA
≤Io≤100mA
ΔVo
Load Regulation
-
5
30
1mA
≤Io≤40mA
mV
IQ
Quiescent Current
-
3
5
Tj=25
°C, Vin=10V, Io=0mA
mA
-
-
1
8V
≤Vin≤20V
ΔIQ
Quiescent Current
Change
-
-
0.1
1mA
≤Io≤40mA
mA
Vn
Output Noise Voltage
-
40
-
10Hz
≤f≤100KHz
μV
ΔVin / ΔVout
Ripple Rejection
47
62
-
8V
≤Vin≤20V, f=120Hz
dB
ΔVo/ΔTj
Temperature Stability
-
-0.65
-
Io=5mA, 0
°C ≤Tj≤125°C
mV/℃
VD
Dropout Voltage
-
1.7
-
Io=100mA
V
LM78L06 (Vin=12V, Io=40mA, Tj=25
°C, Cin=0.33uF, Cout=0.1uF, unless otherwise noted) (Note 1)
Symbol
Parameter
Min
Typ
Max
Conditions
Units
A-rank(3%)
5.82
6
6.18
Vo
B-rank(5%)
Output Voltage
5.70
-
6.30
Vin=12V, Io=40mA,Tj=25
°C
8.5V
≤Vin≤20V, 1mA≤Io≤40mA
8.5V
≤Vin≤Vmax, 1mA≤Io≤70mA (Note 2)
V
-
64
175
8.5V
≤Vin≤20V
ΔVo
Line Regulation
-
54
125
9V
≤Vin≤20V
mV
-
12.8
80
1mA
≤Io≤100mA
ΔVo
Load Regulation
-
5.8
40
1mA
≤Io≤70mA
mV
IQ
Quiescent Current
-
3.9
6
Tj=25
°C, Vin=12V, Io=0mA
mA
-
-
1.5
9V
≤Vin≤20V
ΔIQ
Quiescent Current
Change
-
-
0.1
1mA
≤Io≤40mA
mA
Vn
Output Noise Voltage
-
49
-
10Hz
≤f≤100KHz
μV
ΔVin / ΔVout
Ripple Rejection
40
46
-
10V
≤Vin≤20V, f=120Hz
dB
ΔVo/ΔTj
Temperature Stability
-
0.75
-
Io=5mA, 0
°C ≤Tj≤125°C
mV/℃
VD
Dropout Voltage
-
1.7
-
Io=100mA
V



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com