| データシートサーチシステム |
|
CP41B-RDS データシート(PDF) 7 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
CP41B-RDS データシート(HTML) 7 Page - Cree, Inc |
|
7 / 7 page ![]() 10 CLD-CT1143.000 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. Package Features: • The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. • Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation. • The boxes are not water-resistant, and they must be kept away from water and moisture. • The Tube Pack type of packaging. • Max 60 pcs per tube. Hu e XX AX XXX XXX XXX X C OL OR LED LAMP J OWAXXXXX -XX-XXX LXXXXXXXX-XXX LOT T YPE xxx xxx Vf XX Iv X RANK QT Y P CS R R |