| データシートサーチシステム |
|
M24LR64-R-DW6T/2 データシート(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24LR64-R-DW6T/2 データシート(HTML) 84 Page - STMicroelectronics |
|
84 / 126 page ![]() Commands codes M24LR64-R 84/126 Doc ID 15170 Rev 8 26.8 Write AFI On receiving the Write AFI request, the M24LR64-R programs the 8-bit AFI value to its memory. The Option_flag is supported. During the RF write cycle Wt, there should be no modulation (neither 100% nor 10%). Otherwise, the M24LR64-R may not write correctly the AFI value into the memory. The Wt time is equal to t1nom + 18 × 302 µs. Request parameter: ● UID (optional) ● AFI Response parameter: ● No parameter. Response parameter: ● Error code as Error_flag is set – 03h: the option is not supported – 0Fh: error with no information given – 12h: the specified block is locked and its contents cannot be changed. – 13h: the specified block was not successfully programmed Table 54. Write AFI request format Request SOF Request _flags Write AFI UID(1) 1. Gray means that the field is optional. AFI CRC16 Request EOF 8 bits 27h 64 bits 8 bits 16 bits Table 55. Write AFI response format when Error_flag is NOT set Response SOF Response_flags CRC16 Response EOF 8 bits 16 bits Table 56. Write AFI response format when Error_flag is set Response SOF Response_ flags Error code CRC16 Response EOF 8 bits 8 bits 16 bits |