データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L3G4200DTR データシート(PDF) 21 Page - STMicroelectronics

部品番号 L3G4200DTR
部品情報  MEMS motion sensor: three-axis digital output gyroscope
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4200DTR データシート(HTML) 21 Page - STMicroelectronics

Back Button L3G4200DTR Datasheet HTML 16Page - STMicroelectronics L3G4200DTR Datasheet HTML 17Page - STMicroelectronics L3G4200DTR Datasheet HTML 18Page - STMicroelectronics L3G4200DTR Datasheet HTML 19Page - STMicroelectronics L3G4200DTR Datasheet HTML 20Page - STMicroelectronics L3G4200DTR Datasheet HTML 21Page - STMicroelectronics L3G4200DTR Datasheet HTML 22Page - STMicroelectronics L3G4200DTR Datasheet HTML 23Page - STMicroelectronics L3G4200DTR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
L3G4200D
Package information
Doc ID 17116 Rev 1
21/24
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24