| データシートサーチシステム |
|
AM1808AZCE3 データシート(PDF) 59 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1808AZCE3 データシート(HTML) 59 Page - Texas Instruments |
|
59 / 264 page ![]() AM1808 www.ti.com SPRS653 – FEBRUARY 2010 3.7.26 Reserved and No Connect Table 3-28. Reserved and No Connect Terminal Functions SIGNAL TYPE(1) DESCRIPTION NAME NO. Reserved. For proper device operation, this pin must be tied either directly to RSV2 T19 PWR CVDD or left unconnected (do not connect to ground). NC M3, M14, N16 — No connect (Leave unconnected, do not connect to power or ground.) Reserved. For proper device operation, the pin must be pulled up to supply RSVDN J17 I DVDD3318_B. (1) PWR = Supply voltage. Copyright © 2010, Texas Instruments Incorporated Device Overview 59 Submit Documentation Feedback Product Folder Link(s): AM1808 |