| データシートサーチシステム |
|
STM32F100R4T7B データシート(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F100R4T7B データシート(HTML) 82 Page - STMicroelectronics |
|
82 / 84 page ![]() Ordering information scheme STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB 82/84 Doc ID 16455 Rev 2 7 Ordering information scheme For a list of available options (speed, package, etc.) or for further information on any aspect of this device, please contact your nearest ST sales office. Table 52. Ordering information scheme Example: STM32 F 100 C 6 T 6 B xxx Device family STM32 = ARM-based 32-bit microcontroller Product type F = General-purpose Device subfamily 100 = value line Pin count C = 48 pins R = 64 pins V = 100 pins Flash memory size 4 = 16 Kbytes of Flash memory 6 = 32 Kbytes of Flash memory 8 = 64 Kbytes of Flash memory B = 128 Kbytes of Flash memory Package T = LQFP H = BGA Temperature range 6 = Industrial temperature range, –40 to 85 °C 7 = Industrial temperature range, –40 to 105 °C Internal code B Options xxx = programmed parts TR = tape and real |