| データシートサーチシステム |
|
AM1808AZCED4 データシート(PDF) 81 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1808AZCED4 データシート(HTML) 81 Page - Texas Instruments |
|
81 / 264 page ![]() AM1808 www.ti.com SPRS653 – FEBRUARY 2010 Table 6-6. AINTC System Interrupt Assignments System Interrupt Interrupt Name Source 0 COMMTX ARM 1 COMMRX ARM 2 NINT ARM 3 PRU_EVTOUT0 PRUSS Interrupt 4 PRU_EVTOUT1 PRUSS Interrupt 5 PRU_EVTOUT2 PRUSS Interrupt 6 PRU_EVTOUT3 PRUSS Interrupt 7 PRU_EVTOUT4 PRUSS Interrupt 8 PRU_EVTOUT5 PRUSS Interrupt 9 PRU_EVTOUT6 PRUSS Interrupt 10 PRU_EVTOUT7 PRUSS Interrupt 11 EDMA3_0_CC0_INT0 EDMA3_0 Channel Controller 0 Shadow Region 0 Transfer Completion Interrupt 12 EDMA3_0_CC0_ERRINT EDMA3_0 Channel Controller 0 Error Interrupt 13 EDMA3_0_TC0_ERRINT EDMA3_0 Transfer Controller 0 Error Interrupt 14 EMIFA_INT EMIFA 15 IIC0_INT I2C0 16 MMCSD0_INT0 MMCSD0 MMC/SD Interrupt 17 MMCSD0_INT1 MMCSD0 SDIO Interrupt 18 PSC0_ALLINT PSC0 19 RTC_IRQS[1:0] RTC 20 SPI0_INT SPI0 21 T64P0_TINT12 Timer64P0 Interrupt 12 22 T64P0_TINT34 Timer64P0 Interrupt 34 23 T64P1_TINT12 Timer64P1 Interrupt 12 24 T64P1_TINT34 Timer64P1 Interrupt 34 25 UART0_INT UART0 26 - Reserved 27 PROTERR SYSCFG Protection Shared Interrupt 28 - Reserved 29 - Reserved 30 - Reserved 31 - Reserved 32 EDMA3_0_TC1_ERRINT EDMA3_0 Transfer Controller 1 Error Interrupt 33 EMAC_C0RXTHRESH EMAC - Core 0 Receive Threshold Interrupt 34 EMAC_C0RX EMAC - Core 0 Receive Interrupt 35 EMAC_C0TX EMAC - Core 0 Transmit Interrupt 36 EMAC_C0MISC EMAC - Core 0 Miscellaneous Interrupt 37 EMAC_C1RXTHRESH EMAC - Core 1 Receive Threshold Interrupt 38 EMAC_C1RX EMAC - Core 1 Receive Interrupt 39 EMAC_C1TX EMAC - Core 1 Transmit Interrupt 40 EMAC_C1MISC EMAC - Core 1 Miscellaneous Interrupt 40 DDR2_MEMERR DDR2 Controller 42 GPIO_B0INT GPIO Bank 0 Interrupt 43 GPIO_B1INT GPIO Bank 1 Interrupt 44 GPIO_B2INT GPIO Bank 2 Interrupt 45 GPIO_B3INT GPIO Bank 3 Interrupt Copyright © 2010, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 81 Submit Documentation Feedback Product Folder Link(s): AM1808 |