データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC5607B データシート(PDF) 90 Page - Freescale Semiconductor, Inc

部品番号 MPC5607B
部品情報  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5607B データシート(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MPC5607B Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 92Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Revision history
Freescale Semiconductor
90
6
Revision history
Table 48 summarizes revisions to this document.
Table 48. Revision history
Revision
Date
Substantive changes
1
12-Jan-2009 Initial release
2
09 Nov-2009 Updated Features
-Replaced 27 IRQs in place of 23
-ADC features
-External Ballast resistor support conditions
-updated device summary-added 208 BGA details
-updated block diagram to include WKUP
-updated block diagram to include 5 ch ADC 12 -bit
-updated Block summary table
-updated LQFP 144, 176 and 100 pinouts. Applied new naming convention for ADC
signals as ADCx_P[x] and ADCx_S[x]
Section 1, “General description
-updated Bolero 1.5M device comparison table
-updated block diagram-aligned with 512k
-updated block summary-aligned with 512k
Section 2, “Package pinouts
-updated 100,144,176,208 packages according to cut2.0 changes
Added Section 3.5.1, “External ballast resistor recommendations
Added NVUSRO [WATCHDOG_EN] field description
updated Absolute maximum ratings
updated LQFP thermal characteristics
updated I/O supply segments
updated Voltage regulator capacitance connection
updated Low voltage monitor electrical characteristics
updated Low voltage power domain electrical characteristics
updated DC electrical characteristics
updated Program/Erase specifications
updated Conversion characteristics (10 bit ADC)
updated FMPLL electrical characteristics
updated Fast RC oscillator electrical characteristics-aligned with Bolero 512K
updated On-chip peripherals current consumption
updated ADC characteristics and error definitions diagram
updated ADC conversion characteristics (10 bit and 12 bit)
Added ADC characteristics and error definitions diagram for 12 bit ADC
3
25 Jan-2010 Updated Features
Updated block diagram to connect peripherals to pad I/O
Updated block summary to include ADC 12-bit
Updated 144, 176 and 100 pinouts to adjust format issues
Table 26 Flash module life-retention value changed from 1-5 to 5 yrs
Minor editing changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92