| データシートサーチシステム |
|
MPC5606BEMLLR データシート(PDF) 90 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5606BEMLLR データシート(HTML) 90 Page - Freescale Semiconductor, Inc |
|
90 / 92 page ![]() MPC5607B Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Revision history Freescale Semiconductor 90 6 Revision history Table 48 summarizes revisions to this document. Table 48. Revision history Revision Date Substantive changes 1 12-Jan-2009 Initial release 2 09 Nov-2009 Updated Features -Replaced 27 IRQs in place of 23 -ADC features -External Ballast resistor support conditions -updated device summary-added 208 BGA details -updated block diagram to include WKUP -updated block diagram to include 5 ch ADC 12 -bit -updated Block summary table -updated LQFP 144, 176 and 100 pinouts. Applied new naming convention for ADC signals as ADCx_P[x] and ADCx_S[x] Section 1, “General description -updated Bolero 1.5M device comparison table -updated block diagram-aligned with 512k -updated block summary-aligned with 512k Section 2, “Package pinouts -updated 100,144,176,208 packages according to cut2.0 changes Added Section 3.5.1, “External ballast resistor recommendations Added NVUSRO [WATCHDOG_EN] field description updated Absolute maximum ratings updated LQFP thermal characteristics updated I/O supply segments updated Voltage regulator capacitance connection updated Low voltage monitor electrical characteristics updated Low voltage power domain electrical characteristics updated DC electrical characteristics updated Program/Erase specifications updated Conversion characteristics (10 bit ADC) updated FMPLL electrical characteristics updated Fast RC oscillator electrical characteristics-aligned with Bolero 512K updated On-chip peripherals current consumption updated ADC characteristics and error definitions diagram updated ADC conversion characteristics (10 bit and 12 bit) Added ADC characteristics and error definitions diagram for 12 bit ADC 3 25 Jan-2010 Updated Features Updated block diagram to connect peripherals to pad I/O Updated block summary to include ADC 12-bit Updated 144, 176 and 100 pinouts to adjust format issues Table 26 Flash module life-retention value changed from 1-5 to 5 yrs Minor editing changes |