データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IP4366CX8/P データシート(PDF) 11 Page - NXP Semiconductors

部品番号 IP4366CX8/P
部品情報  Integrated SIM card passive filter array with ESD protection to IEC 61000-4-2 level 4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4366CX8/P データシート(HTML) 11 Page - NXP Semiconductors

Back Button IP4366CX8/P Datasheet HTML 6Page - NXP Semiconductors IP4366CX8/P Datasheet HTML 7Page - NXP Semiconductors IP4366CX8/P Datasheet HTML 8Page - NXP Semiconductors IP4366CX8/P Datasheet HTML 9Page - NXP Semiconductors IP4366CX8/P Datasheet HTML 10Page - NXP Semiconductors IP4366CX8/P Datasheet HTML 11Page - NXP Semiconductors IP4366CX8/P Datasheet HTML 12Page - NXP Semiconductors IP4366CX8/P Datasheet HTML 13Page - NXP Semiconductors IP4366CX8/P Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IP4064CX8_IP4364CX8_IP4366CX8_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 11 February 2010
11 of 14
NXP Semiconductors
IP4064CX8; IP4364CX8; IP4366CX8
Integrated SIM card passive filter array with ESD protection
Device removal can be done when the substrate is heated until it is certain that all solder
joints are molten. The chip can then be carefully removed from the substrate without
damaging the tracks and solder lands on the substrate. Removing the device must be
done using plastic tweezers, because metal tweezers can damage the silicon. The
surface of the substrate should be carefully cleaned and all solder and flux residues
and/or underfill removed. When a new chip is placed on the substrate, use the flux
process instead of solder on the solder lands. Apply flux on the bumps at the chip side as
well as on the solder pads on the substrate. Place and align the new chip while viewing
with a microscope. To reflow the solder, use the solder profile shown in application note
AN10365 “Surface mount reflow soldering description”.
9.3.4 Cleaning
Cleaning can be done after reflow soldering.
10. Abbreviations
11. Revision history
Table 7.
Abbreviations
Acronym
Description
DUT
Device Under Test
EMI
ElectroMagnetic Interference
ESD
ElectroStatic Discharge
NWA
NetWork Analyzer
PCB
Printed-Circuit Board
PCS
Personal Communication System
RFI
Radio Frequency Interference
RoHS
Restriction of Hazardous Substances
SIM
Subscriber Identity Module
WLCSP
Wafer-Level Chip-Scale Package
Table 8.
Revision history
Document ID
Release date
Data sheet status Change notice Supersedes
IP4064CX8_IP4364CX8_
IP4366CX8_2
20100211
Product data sheet -
IP4064CX8LF_IP4364CX8LF_1
Modifications:
• Type number IP4366CX8 added
• Figure 3: added
• General editorial update
IP4064CX8LF_IP4364CX8LF_1 20071112
Product data sheet -
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14