| データシートサーチシステム |
|
MPC5606BEMLUR データシート(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5606BEMLUR データシート(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 92 page ![]() Electrical characteristics MPC5607B Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 39 Table 25. Flash power supply DC electrical characteristics Symbol Parameter Conditions1 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 / 125 °C, unless otherwise specified Value2 2 All values need to be confirmed during device validation. Unit Min Typ Max ICFREAD 3 3 Data based on characterization results, not tested in production CC Sum of the current consumptio n on VDDHV and VDDBV on read access Flash module read fCPU = 64 MHz4 4 f CPU 64 MHz can be achieved only at up to 105 °C Code Flash 33 mA IDFREAD 3 Data Flash 33 ICFMOD 3 CC Sum of the current consumptio n on VDDHV and VDDBV on matrix modificatio n (program/er ase) Program/ Erase on-going while reading Flash registers fCPU = 64 MHz4 Code Flash 52 mA IDFMOD 3 Data Flash 33 ICFLPW 3 CC Sum of the current consumptio n on VDDHV and VDDBV during Flash low power mode Code Flash 1.1 mA IDFLPW 3 Data Flash 900 µA ICFPWD 3 CC Sum of the current consumptio n on VDDHV and VDDBV during Flash power down mode Code Flash 150 µA IDFPWD 3 Data Flash 150 |