データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADAM-6022 データシート(PDF) 1 Page - Advantech Co., Ltd.

部品番号 ADAM-6022
部品情報  Ethernet-based Dual-loop PID Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADVANTECH [Advantech Co., Ltd.]
ホームページ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6022 データシート(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-6022 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ethernet I/O Modules
ADAM-6022
ADAM-6024
Specifications
General
Loop Number
2 (3 AI, 1 AO, 1 DI, 1 DO for each control loop)
Analog Input
Channels
6 (differential)
Input Range
±10 VDC, 0 ~ 20 mA, 4 ~ 20 mA
Analog Output
Channels
2
Output Type
V, mA
Output Range
0 ~10 VDC, 4 ~ 20 mA, 0 ~ 20 mA
Digital Input
Channels
2
Dry Contact
Logic level 0: close to GND
Logic level 1: open
Wet Contact
Logic level 0: 0 ~ 3 VDC
Logic level 1: 10 ~ 30 VDC
Digital Output
Channels
2
Open Collector to 30 V, 100 mA maximum load
Power Dissipation
300 mW for each module
Ordering Information
ADAM-6022
Ethernet-based Dual-loop PID Controller
ADAM-6022
Ethernet-based Dual-loop PID Controller
12-ch Isolated Universal Input/Output Module
Specifications
Analog Input
Channels
6 (differential)
Input Range
±10 VDC, 0 ~ 20 mA, 4 ~ 20 mA
Analog Output
Channels
2
Output Type
V, mA
Output Range
0 ~10 VDC, 4 ~ 20 mA, 0 ~ 20 mA
Digital Input
Channels
2
Dry Contact
Logic level 0: close to GND
Logic level 1: open
Wet Contact
Logic level 0: 0 ~ 3 VDC
Logic level 1: 10 ~ 30 VDC
Digital Output
Channels
2
Open Collector to 30 V, 100 mA maximum load
Power Dissipation
300 mW for each module
Supports
Peer-to-Peer (Receiver only)
GCL (Receiver only)
Ordering Information
ADAM-6024
12-ch Isolated Universal I/O Module
ADAM-6024
Common Specifications
General
LAN
10/100Base-T(X)
Power Consumption
4 W @ 24 VDC
Connectors
1 x RJ-45 (LAN), Plug-in screw
terminal block (I/O and power)
Watchdog
System (1.6 second)
and Communication
(programmable)
Power Input
10 ~ 30 VDC
Supports Modbus/TCP, TCP/IP, UDP and HTTP
Protocols
Analog Input
Input Impedance
20 M
Accuracy
±0.1% of FSR
Resolution
16-bit
Sampling Rate
10 sample/second
CMR @ 50/60 Hz
90 dB
NMR @ 50/60 Hz
60 dB
Span Drift
±25 ppm/° C
Zero Drift
±6 μV/° C
Analog Output
Accuracy
±0.1% of FSR
Resolution
12-bit
Drift
±50 ppm/° C
Current Load Resistor
0 ~ 500
Protection
Isolation Protection
2,000 VDC
Built-in TVS/ESD Protection
Over Voltage Protection ±35 VDC
Power Reversal Protection
Environment
Operating Temperature -10 ~ 50° C
Storage Temperature
-20 ~ 80° C
Humidity (Operating)
20 ~ 95% RH
(non-condensing)
Humidity (Storage)
0 ~ 95% RH
(non-condensing)
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC


同様の部品番号 - ADAM-6022

メーカー部品番号データシート部品情報
logo
Advantech Co., Ltd.
ADAM-6022 ADVANTECH-ADAM-6022 Datasheet
463Kb / 1P
Ethernet-based Dual-loop PID Controller
13-Aug-2021
ADAM-6022 ADVANTECH-ADAM-6022_V02 Datasheet
463Kb / 1P
Ethernet-based Dual-loop PID Controller
13-Aug-2021
More results

同様の説明 - ADAM-6022

メーカー部品番号データシート部品情報
logo
Red Lion Controls. Inc
PAX2C REDLION-PAX2C Datasheet
593Kb / 2P
Dual-Line PID Controller
PXU10020 REDLION-PXU10020 Datasheet
564Kb / 3P
PXU PID Controller
logo
M-System Co.,Ltd.
SC200 MSYSTEM-SC200 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC110 MSYSTEM-SC110 Datasheet
437Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC100 MSYSTEM-SC100 Datasheet
395Kb / 10P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200D MSYSTEM-SC200D Datasheet
419Kb / 11P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200W MSYSTEM-SC200W Datasheet
436Kb / 10P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210 MSYSTEM-SC210 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210W MSYSTEM-SC210W Datasheet
482Kb / 13P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
logo
Advantech Co., Ltd.
ADAM-6022 ADVANTECH-ADAM-6022_V02 Datasheet
463Kb / 1P
Ethernet-based Dual-loop PID Controller
13-Aug-2021
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com