| データシートサーチシステム |
|
D2SW-3L1MS データシート(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
D2SW-3L1MS データシート(HTML) 5 Page - Omron Electronics LLC |
|
5 / 8 page ![]() Sealed Snap Action Switch D2SW 199 ■ Dimensions and Operating Characteristics Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of ±0.4 mm applies to all dimensions 2. Omitted dimensions are the same as pin plunger type. 3. The following illustrations and dimensions are for models with solder terminals. Refer to “Terminals” for models with quick-connect (#110) and PCB terminals. 4. The operating characteristics are for operation in the A direction( ) Pin Plunger Models D2SW-3 @S D2SW-01 @S 0.5 6.4 ±0.2 PT OP 2.9 7.7 10.1 0.8R 1.6 3.2 1.8 dia. 7.5 ±0.1 7.3 3.3 ±0.1 1.8 1.6 2.5 dia. ±0.07 5.15 0.55 19.8 ±0.2 15.5 ±0.2 18.7 ±0.2 9.5 ±0.1 8.5 ±0.2 2.35 +0.1 –0.05 2.35 +0.1 –0.05 dia. holes A S OF 180 gf RF min. 30 gf PT max. 0.6 mm OT min. 0.5 mm MD max. 0.1 mm OP 8.4 ± 0.3 mm Hinge Lever Models D2SW-3L1 @S D2SW-01L1 @S 14.5 OP t = 0.3 Stain- less-steel lever 5.9 3.6 FP A S OF 60 gf RF min. 6 gf OT min. 1.0 mm MD max. 0.8 mm FP max. 13.6 mm OP 8.8 ± 0.8 mm Simulated Roller Lever Models D2SW-3L3 @S D2SW-01L3 @S 15.8 OP FP 5.9 3.6 t = 0.3 Stain- less-steel lever 1.3R A S OF 60 gf RF min. 6 gf OT min. 1.0 mm MD max. 0.8 mm FP max. 15.5 mm OP 10.7 ± 0.8 mm Hinge Roller Lever Models D2SW-3L2 @S D2SW-01L2 @S t = 0.3 Stain- less-steel lever 14.5 OP FP 5.9 4.8 dia. 3.2 Polyacetal roller A S OF 60 gf RF min. 6 gf OT min. 1.0 mm MD max. 0.8 mm FP max. 19.3 mm OP 14.5 ± 0.8 mm |