| データシートサーチシステム |
|
B3W-9012-R1R データシート(PDF) 6 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
B3W-9012-R1R データシート(HTML) 6 Page - Omron Electronics LLC |
|
6 / 10 page ![]() 262 Illuminated Tactile Switches B3W-9 Accessories - Text Combination Films for B3W-9 Model Number Structure 1. Color R: Red 2. Color B: Blue G: Green 3. Color and text combination F1: Red OFF Blue or green ON F4: Red Blue or green F5: Red Blue or green Note: 1. Three ‘text combinations’ are available. 2. Films can also be customized with other text for 50 sheets (1,250 films) per lot. Delivery time is approximately five weeks. (Ask your OMRON representative for details.) Note: Minimum Order = 25 films/sheet (B3W-9 Films are sold in units of 25 films. Orders must be made in multiples of 25, the quantity per sheet.) Recommended B3W-9 Switches Note: Use the following 2 LED versions of the B3W-9’s with the above mentioned films for best results Note: Text Combination Films are sold without the Switches. Order one of the above models of B3W-9 Illuminated Tactile Switches separately. Text Combination Films for B3W-9 Illuminated Tactile Switches • Display two different labels in combination with a single 2-LED B3W-9 Switch. • Color combinations: Red/Green or Red/Blue 12 3 B3W-9 @@-F@ Text Combinations LED colors Model "OFF" and "ON" Red/Blue B3W-9RB-F1 Red/Green B3W-9RG-F1 " " and " " Red/Blue B3W-9RB-F4 Red/Green B3W-9RG-F4 " " and " " Red/Blue B3W-9RB-F5 Red/Green B3W-9RG-F5 Operating force 2-LED Switches Red/Blue Red/Bright green Standard-force Switches B3W-9000-RB2C B3W-9000-RHG2C High-force Switches B3W-9002-RB2C B3W-9002-RHG2C |