| データシートサーチシステム |
|
PAW3602DH データシート(PDF) 13 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
PAW3602DH データシート(HTML) 13 Page - Pixart Imaging Inc. |
|
13 / 32 page ![]() PixArt Imaging Inc. PAW3602DH CMOS Laser Mouse Sensor All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission . 13 PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw V1.0, Jun. 2007 6.2 Quadrature Output State Machine The following state machine shows the states of the quadrature output pins. The three things to note are that state 0 is entered after a power on reset. While the PD pin is asserted, the state machine is halted. Once PD is de- asserted, the state machine picks up from where it left off. During times of mouse no movement will entry power saving mode, until mouse was moved. STATE 0 ( 0 , 0 ) POWER ON RESET STATE 1 ( 0 , 1 ) STATE 3 ( 1 , 0 ) STATE 2 ( 1 , 1 ) PD STATE X/Y output XA/YA XB/YB 0 1 2 3 00 0 1 1 1 10 PD PD PD Figure 5. State machine 6.3 Quadrature Output Waveform The following diagrams show the waveform of the two channel quadrature outputs. If the X, Y is motionless, the (XA, XB), (YA, YB) will keep in final state. Each state change (ex. STATE2 → STATE3) is one count. XA/YA XB/YB X MOTION TO THE RIGHT Y MOTION UP ( + DIRECTION ) STATE0 ( 0 , 0 ) STATE1 ( 0 , 1 ) STATE2 ( 1 , 1 ) STATE3 ( 1 , 0 ) +1 +1 +1 +1 MOTION COUNT STATE3 ( 1 , 0 ) STATE0 ( 0 , 0 ) +1 XA/YA XB/YB X MOTION TO THE LEFT Y MOTION DOWN ( - DIRECTION ) STATE0 ( 0 , 0 ) STATE3 ( 1 , 0 ) STATE2 ( 1 , 1 ) STATE1 ( 0 , 1 ) -1 -1 -1 -1 MOTION COUNT STATE1 ( 0 , 1 ) STATE0 ( 0 , 0 ) -1 Figure 6. Quadrature output waveform |