| データシートサーチシステム |
|
XR2 データシート(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XR2 データシート(HTML) 3 Page - Omron Electronics LLC |
|
3 / 14 page ![]() IC Sockets XR2 113 XR2A Open-frame Sockets (with Low-profile DIP Terminals) ■ Dimensions ■ Ordering Information Appearance Sockets with DIP terminals No. of contacts Row pitch (A) (mm) With 0.25- μm gold plating With 0.75- μm gold plating With gold flash plating 8 7.62 XR2A-0815 XR2A-0805 XR2A-0825 14 7.62 XR2A-1415 XR2A-1405 XR2A-1425 16 7.62 XR2A-1615 XR2A-1605 XR2A-1625 18 7.62 XR2A-1815 XR2A-1805 XR2A-1825 20 7.62 XR2A-2015 XR2A-2005 XR2A-2025 22 10.16 XR2A-2215 XR2A-2205 XR2A-2225 24 15.24 XR2A-2415 XR2A-2405 XR2A-2425 24 10.16 XR2A-2466 XR2A-2465 XR2A-2468 24 7.62 XR2A-2476 XR2A-2475 XR2A-2478 28 15.24 XR2A-2815 XR2A-2805 XR2A-2825 32 15.24 XR2A-3215 XR2A-3205 XR2A-3225 40 15.24 XR2A-4015 XR2A-4005 XR2A-4025 42 15.24 XR2A-4215 XR2A-4205 — 48 15.24 XR2A-4815 XR2A-4805 — 64 22.86 XR2A-6415 XR2A-6405 — Mounting holes (bottom view) 0.79 dia. 0.9 ±0.05 dia. XR2A- @@15 XR2A-2466 XR2A-2476 XR2A- @@05 XR2A-2465 XR2A-2475 XR2A- @@25 XR2A-2468 XR2A-2478 (With low-profile DIP terminals) Dimensions Note: 1. XR2A-2415/XR2A-2405/ XR2A-2425 2. XR2A-2466/XR2A-2465/ XR2A-2468 3. XR2A-2476/XR2A-2475/ XR2A-2478 No. of contacts Dimensions (mm) AB 8 7.62 7.62 14 7.62 15.24 16 7.62 17.78 18 7.62 20.32 20 7.62 22.86 22 10.16 25.40 24 (See note 1.) 15.24 27.94 24 (See note 2.) 10.16 27.94 24 (See note 3.) 7.62 27.94 28 15.24 33.02 32 15.24 38.10 40 15.24 48.26 42 15.24 50.80 48 15.24 58.42 64 22.86 78.74 |