| データシートサーチシステム |
|
HT68F20 データシート(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT68F20 データシート(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 232 page ![]() Pin Assignment Note: 1. Bracketed pin names indicate non-default pinout remapping locations. 2. If the pin-shared pin functions have multiple outputs simultaneously, its pin names at the right side of the ²/² sign can be used for higher priority. HT68F20/HT68F30/HT68F40/HT68F50/HT68F60 HT68FU30/HT68FU40/HT68FU50/HT68FU60 Rev. 1.10 3 February 1, 2010 P A 1 / T P 1 A P A 2 / T C K 0 / C 0 + P A 3 / I N T 0 / C 0 - P A 4 / I N T 1 / T C K 1 P A 5 / C 1 X / S D O P A 6 / S D I / S D A P A 7 / S C K / S C L P B 5 / S C S P C 2 / T C K 2 / P C K / C 1 + P C 3 / P I N T / T P 2 _ 0 / C 1 - P C 4 / [ I N T 0 ] / [ P I N T ] / T P 2 _ 1 P C 5 / [ I N T 1 ] / T P 0 _ 1 / T P 1 B _ 2 / [ P C K ] P D 0 / [ T C K 2 ] / [ S C S ] P D 1 / [ T P 2 _ 0 ] / [ S D O ] / [ S C K / S C L ] H T 6 8 F 2 0 1 6 D I P - A / N S O P - A / S S O P - A 1 6 1 5 1 4 1 3 1 2 1 1 1 0 9 1 2 3 4 5 6 7 8 P A 1 / T P 1 _ 0 P A 2 / T C K 0 / C 0 + P A 3 / I N T 0 / C 0 - P A 4 / I N T 1 / T C K 1 P A 5 / C 1 X / S D O P A 6 / S D I / S D A P A 7 / S C K / S C L P B 5 / S C S P A 0 / C 0 X / T P 0 _ 0 V S S P B 4 / X T 2 P B 3 / X T 1 P B 2 / O S C 2 P B 1 / O S C 1 V D D P B 0 / R E S 2 0 1 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 1 1 1 2 3 4 5 6 7 8 9 1 0 P A 1 / T P 1 _ 0 P A 2 / T C K 0 / C 0 + P A 3 / I N T 0 / C 0 - P A 4 / I N T 1 / T C K 1 P A 5 / C 1 X / S D O P A 6 / S D I / S D A P A 7 / S C K / S C L P B 5 / S C S P C 2 / P C K / C 1 + / S C O M 2 P C 3 / P I N T / C 1 - / S C O M 3 P A 0 / C 0 X / T P 0 _ 0 V S S P B 4 / X T 2 P B 3 / X T 1 P B 2 / O S C 2 P B 1 / O S C 1 V D D P B 0 / R E S P C 1 / S C O M 1 P C 0 / T P 1 _ 1 / S C O M 0 H T 6 8 F 2 0 2 0 D I P - A / S O P - A / S S O P - A H T 6 8 F 3 0 1 6 D I P - A / N S O P - A / S S O P - A 1 6 1 5 1 4 1 3 1 2 1 1 1 0 9 1 2 3 4 5 6 7 8 P A 1 / T P 1 A P A 2 / T C K 0 / C 0 + P A 3 / I N T 0 / C 0 - P A 4 / I N T 1 / T C K 1 P A 5 / C 1 X / S D O P A 6 / S D I / S D A P A 7 / S C K / S C L P B 5 / S C S P A 0 / C 0 X / T P 0 _ 0 V S S P B 4 / X T 2 P B 3 / X T 1 P B 2 / O S C 2 P B 1 / O S C 1 V D D P B 0 / R E S 2 0 1 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 1 1 1 2 3 4 5 6 7 8 9 1 0 P A 1 / T P 1 A P A 2 / T C K 0 / C 0 + P A 3 / I N T 0 / C 0 - P A 4 / I N T 1 / T C K 1 P A 5 / C 1 X / S D O P A 6 / S D I / S D A P A 7 / S C K / S C L P B 5 / S C S P C 2 / P C K / C 1 + P C 3 / P I N T / C 1 - P A 0 / C 0 X / T P 0 _ 0 V S S P B 4 / X T 2 P B 3 / X T 1 P B 2 / O S C 2 P B 1 / O S C 1 V D D P B 0 / R E S P C 1 / T P 1 B _ 1 / [ S D O ] / S C O M 1 P C 0 / T P 1 B _ 0 / [ S D I / S D A ] / S C O M 0 H T 6 8 F 3 0 2 0 D I P - A / S O P - A / S S O P - A 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 H T 6 8 F 3 0 2 4 S K D I P - A / S O P - A / S S O P - A P A 0 / C 0 X / T P 0 _ 0 V S S P B 4 / X T 2 P B 3 / X T 1 P B 2 / O S C 2 P B 1 / O S C 1 V D D P B 0 / R E S P C 1 / T P 1 B _ 1 / [ S D O ] / S C O M 1 P C 0 / T P 1 B _ 0 / [ S D I / S D A ] / S C O M 0 P C 7 / [ S C K / S C L ] / S C O M 3 P C 6 / [ S C S ] / S C O M 2 P A 1 / T P 1 A P A 2 / T C K 0 / C 0 + P A 3 / I N T 0 / C 0 - P A 4 / I N T 1 / T C K 1 P A 5 / C 1 X / S D O P A 6 / S D I / S D A P A 7 / S C K / S C L P B 5 / S C S P C 2 / P C K / C 1 + P C 3 / P I N T / C 1 - P C 4 / [ P I N T ] P C 5 / T P 0 _ 1 / [ P C K ] H T 6 8 F 4 0 2 4 S K D I P - A / S O P - A / S S O P - A 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 P A 0 / C 0 X / T P 0 _ 0 V S S P B 4 / X T 2 P B 3 / X T 1 P B 2 / O S C 2 P B 1 / O S C 1 V D D P B 0 / R E S P C 1 / T P 1 B _ 1 / S C O M 1 P C 0 / T P 1 B _ 0 / S C O M 0 P C 7 / [ T P 1 A ] / S C O M 3 P C 6 / [ T P 0 _ 0 ] / S C O M 2 P A 1 / T P 1 A P A 2 / T C K 0 / C 0 + P A 3 / I N T 0 / C 0 - P A 4 / I N T 1 / T C K 1 P A 5 / C 1 X / S D O P A 6 / S D I / S D A P A 7 / S C K / S C L P B 5 / S C S P C 2 / T C K 2 / P C K / C 1 + P C 3 / P I N T / T P 2 _ 0 / C 1 - P C 4 / [ I N T 0 ] / [ P I N T ] / T P 2 _ 1 P C 5 / [ I N T 1 ] / T P 0 _ 1 / T P 1 B _ 2 / [ P C K ] 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 H T 6 8 F 4 0 2 8 S K D I P - A / S O P - A / S S O P - A P A 0 / C 0 X / T P 0 _ 0 V S S P B 4 / X T 2 P B 3 / X T 1 P B 2 / O S C 2 P B 1 / O S C 1 V D D P B 0 / R E S P C 1 / T P 1 B _ 1 / S C O M 1 P C 0 / T P 1 B _ 0 / S C O M 0 P C 7 / [ T P 1 A ] / S C O M 3 P C 6 / [ T P 0 _ 0 ] / S C O M 2 P D 3 / [ T C K 1 ] / [ S D O ] P D 2 / [ T C K 0 ] / [ S D I / S D A ] |