| データシートサーチシステム |
|
KBJ810 データシート(PDF) 2 Page - RFE international |
|
|
|||||||||||||||||||||||||||||
KBJ810 データシート(HTML) 2 Page - RFE international |
|
2 / 2 page ![]() BRIDGE RECTIFIERS 6.0 to 8.0 Amps RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com C3D02S REV 2009.12.21 RoHS ü µ Peak Repetitive Reverse Voltage Max Avg Rectified Current Max. Peak Fwd Surge Current Max Reverse Current VRRM IO IFSM IR@VR V A A V A A GBU6005 50 6.0 175 1.1 3.0 10 GBU601 100 6.0 175 1.1 3.0 10 GBU602 200 6.0 175 1.1 3.0 10 GBU604 400 6.0 175 1.1 3.0 10 GBU606 600 6.0 175 1.1 3.0 10 GBU608 800 6.0 175 1.1 3.0 10 GBU610 1000 6.0 175 1.1 3.0 10 GBJ6005 50 6.0 175 1.1 3.0 10 GBJ601 100 6.0 175 1.1 3.0 10 GBJ602 200 6.0 175 1.1 3.0 10 GBJ604 400 6.0 175 1.1 3.0 10 GBJ606 600 6.0 175 1.1 3.0 10 GBJ608 800 6.0 175 1.1 3.0 10 GBJ610 800 6.0 175 1.1 3.0 10 KBJ6005 50 6.0 175 1.1 3.0 10 KBJ601 100 6.0 175 1.1 3.0 10 KBJ602 200 6.0 175 1.1 3.0 10 KBJ604 400 6.0 175 1.1 3.0 10 KBJ606 600 6.0 175 1.1 3.0 10 KBJ608 800 6.0 175 1.1 3.0 10 KBJ610 1000 6.0 175 1.1 3.0 10 BR605 50 6.0 175 1.1 3.0 10 BR61 100 6.0 175 1.1 3.0 10 BR62 200 6.0 175 1.1 3.0 10 BR64 400 6.0 175 1.1 3.0 10 BR66 600 6.0 175 1.1 3.0 10 BR68 800 6.0 175 1.1 3.0 10 BR610 1000 6.0 175 1.1 3.0 10 KBU8005 50 8.0 300 1.1 8.0 10 KBU801 100 8.0 300 1.1 8.0 10 KBU802 200 8.0 300 1.1 8.0 10 KBU804 400 8.0 300 1.1 8.0 10 KBU806 600 8.0 300 1.1 8.0 10 KBU808 800 8.0 300 1.1 8.0 10 KBU810 1000 8.0 300 1.1 8.0 10 GBU8005 50 8.0 200 1.1 4.0 10 GBU801 100 8.0 200 1.1 4.0 10 GBU802 200 8.0 200 1.1 4.0 10 GBU804 400 8.0 200 1.1 4.0 10 GBU806 600 8.0 200 1.1 4.0 10 GBU808 800 8.0 200 1.1 4.0 10 GBU810 1000 8.0 200 1.1 4.0 10 GBJ8005 50 8.0 200 1.1 4.0 10 GBJ801 100 8.0 200 1.1 4.0 10 GBJ802 200 8.0 200 1.1 4.0 10 GBJ804 400 8.0 200 1.1 4.0 10 GBJ806 600 8.0 200 1.1 4.0 10 GBJ808 800 8.0 200 1.1 4.0 10 GBJ810 800 8.0 200 1.1 4.0 10 KBJ8005 50 8.0 200 1.1 4.0 10 KBJ801 100 8.0 200 1.1 4.0 10 KBJ802 200 8.0 200 1.1 4.0 10 KBJ804 400 8.0 200 1.1 4.0 10 KBJ806 600 8.0 200 1.1 4.0 10 KBJ808 800 8.0 200 1.1 4.0 10 KBJ810 1000 8.0 200 1.1 4.0 10 BR6 GBJ 6.0 AMP Single-Phase Bridge Rectifiers (Cont'd) RFE Part Number Forward Voltage Drop Package Outline (Typical Size in inches) VF@IF KBU GBU GBJ KBJ KBJ GBU 8.0 AMP Single-Phase Bridge Rectifiers KBU GBJ GBU KBJ BR6 GBJ GBU KBJ |