データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSI130/06 データシート(PDF) 2 Page - Powersem GmbH

部品番号 PSI130/06
部品情報  IGBT Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERSEM [Powersem GmbH]
ホームページ  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSI130/06 データシート(HTML) 2 Page - Powersem GmbH

  PSI130/06 Datasheet HTML 1Page - Powersem GmbH PSI130/06 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSIG PSIS PSSI 130/06
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
Reverse diodes (FRED)
Symbol
Conditions
Maximum Ratings
I
F25
T
C = 25°C
134.0
A
I
F80
T
C = 80°C
82.3
A
Symbol
Conditions
Characteristic Values
min.
typ.
max.
V
F
I
F = 80 A;
T
VJ =
25°C
1.85
2.06
V
T
VJ = 125°C
1.40
V
I
RM
I
F = 60 A; diF/dt = 500 A/µs; TVJ = 125°C
28
A
t
rr
V
R = 300 V; VGE = 0 V
100
ns
R
thJC
0.66 K/W
R
thJH
with heatsink compound (0.42 K/m.K; 50 µm)
1.32
K/W
Module
Symbol
Conditions
Maximum Ratings
T
VJ
-40...+150
°C
T
stg
-40...+150
°C
V
ISOL
I
ISOL ≤ 1 mA; 50/60 Hz
3000
V~
M
d
Mounting torque (M4)
1.5 - 2.0
Nm
14 - 18
lb.in.
a
Max. allowable acceleration
50
m/s2
Symbol
Conditions
Characteristic Values
min. typ. max.
d
S
Creepage distance on surface (Pin to heatsink)
11.2
mm
d
A
Strike distance in air (Pin to heatsink)
11.2
mm
Weight
24
g
Temperature Sensor NTC
Symbol
Conditions
Characteristic Values
min. typ.
max.
R
25
T = 25°C
4.75
5.0
5.25 k
Ω
B
25/50
3375
K
Data according to IEC 60747 and refer to a single transistor or diode unless otherwise stated.
Package style and outline
Dimensions in mm (1mm = 0.0394“)
PSIS
PSSI
PSI
PSIG



Html Pages

1 2