データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BVM-SF5C01 データシート(PDF) 3 Page - Bright View Electronic Co., LTD.

部品番号 BVM-SF5C01
部品情報  FLEXSTRIP LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BVLED [Bright View Electronic Co., LTD.]
ホームページ  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-SF5C01 データシート(HTML) 3 Page - Bright View Electronic Co., LTD.

  BVM-SF5C01 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-SF5C01 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-SF5C01 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-SF5C01 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-SF5C01 Datasheet HTML 5Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
■ ABSOLUTE MAXIMUM RATINGS AT Ta = 25 ℃
UNIT
V DC
V DC
W
Operating Temperature Range
Storage Temperature Range
*The operating temperature measured position is on the back of the PCB.
■ TYPICAL ELECTRICAL / OPTICAL CHARACTERISTICS AT 24VDC Ta = 25 ℃
BVM-SF5C01B3S
Blue
BVM-SF5C01G3S
Green
BVM-SF5C01R3S
Red
BVM-SF5C01O3S
Orange
BVM-SF5C01Y3S
Yellow
BVM-SF5C01W3S-A
White
BVM-SF5C01W3S-B
White
BVM-SF5C01W3S-C
White
BVM-SF5C01W3S-D
White
PARAMETER
MAX.
Electrostatic Discharge (Contact Model)
Maximum Operating Voltage
Color
Power Dissipation / Reel
33
BVM-SF5C01 SERIES
224
448
Part No.
160
448
352
3.5
7.0
2.5
7.0
5.5
Bright View Electronics
FLEXSTRIP LIGHT
1.32
1.32
Current
Current
110
110
605
589
1.32
1.32
20
20
110
110
525
625
110
470
20
(degree)
25
per Reel (A) per Unit (lm)
±2000
View Angle
per Unit (mA)
-
30 ℃ to +65 ℃
-
30 ℃ to +85 ℃
16.5
1050
Wavelength/CCT
λd (nm)/。K
Lum.Flux
per Reel (lm)
Lum.Flux
20
20
1.32
20
1.32
110
2500-2800
20
1.32
16.5
1050
110
3500-3800
20
1.32
16.5
1050
110
3200-3500
16.5
1050
110
6300-7000
20
1.32
Date:2008/09/22
Page :3 of 5
Version-A



Html Pages

1 2 3 4 5