| データシートサーチシステム |
|
BVM-SFPC3O2S データシート(PDF) 5 Page - Bright View Electronic Co., LTD. |
|
|
|||||||||||||||||||||||||||||
BVM-SFPC3O2S データシート(HTML) 5 Page - Bright View Electronic Co., LTD. |
|
5 / 7 page ![]() ■ CHROMATICITY DIAGRAM CIE 1931 *The chromaticity coordinates (x,y) of the SMD LEDs are in accordance with CIE 1931 chromaticity diagram. *The color temperature values used are based on the traditional incandescence lighting standard which cannot be exact applicable to LED lighting. It must be used only for reference purpose. *Measurement uncertainty of color coordinates: ±0.02 Note: Products of different CIE bins may not use the same materials and thus may have minor differences in characteristic and business terms Bright View Electronics FLEXSTRIP LIGHT BVM-SFPC3 SERIES c4 c3 d2 d4 d3 f4 f2 e4 e2 g2 h2 h1 g1 f1 f3 e1 e3 d1 c2 c1 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 520 510 500 490 480 470 380 770 630 610 600 590 580 570 560 550 540 530 0.0 0.0 CIE x CIE y Date:2008/07/16 Page :5 of 7 Version:F |