| データシートサーチシステム |
|
BVM-SFPC5LN データシート(PDF) 1 Page - Bright View Electronic Co., LTD. |
|
|
|||||||||||||||||||||||||||||
BVM-SFPC5LN データシート(HTML) 1 Page - Bright View Electronic Co., LTD. |
|
1 / 7 page ![]() ■ DESCRIPTION - Flexstrip light is made of high brightness SMD LEDs mounted on flexible printed circuit (FPC). - Bright View also provides controller for dimmer and programmable color change. ■ FEATURES - Number of SMD LEDs : 300 pcs of ultra bright SMD LEDs - Product size (LxWXH) : 4200mm x 10mm x 2.6mm - Easy installation with the back adhesive-tape - Products are packed into reel and can be cut at mark place into shorter units - Shortest unit is 70mm with 5 LEDs; 60 shortest units per reel. - Drive: 24VDC - Low power consumption and high optical intensity - Lead (Pb) free, and RoHS compliant ■ APPLICATIONS - Amusement park & theater mood lighting - Architectural decorative lighting - Backlighting for signage letters - Auditorium walkway lighting - Stairway accent lighting - Hallway lighting Bright View Electronics FLEXSTRIP LIGHT BVM-SFPC5 LN SERIES Date:2008/10/9 Page :1 of 7 Version :A |
同様の部品番号 - BVM-SFPC5LN |
|
同様の説明 - BVM-SFPC5LN |