| データシートサーチシステム |
|
VG37648041AT データシート(PDF) 36 Page - Vanguard International Semiconductor |
|
|
|||||||||||||||||||||||||||||
VG37648041AT データシート(HTML) 36 Page - Vanguard International Semiconductor |
|
36 / 86 page ![]() Document : 1G5-0157 Rev.1 Page 36 VIS Preliminary VG37648041AT 256M:x4, x8, x16 CMOS Synchronous Dynamic RAM DO n=Data Out from column n Cases shown are either uninterrupted bursts of 4, or interrupted bursts of 8 3 subsequent elements of Data Out appear in the programmed order following DO n DON’T CARE UNDEFINED CLK# CLK COMMAND ADDRESS READ NOP PRE NOP NOP ACT Col n Bank a, Figure 13a READ TO PRECHARGE - REQUIRED CAS LATENCIES CL=2.5 DQS DQ DO n CLK# CLK COMMAND ADDRESS READ NOP PRE NOP NOP ACT Col n Bank a, CL=2 DQS DQ DO n Bank (a or all) Bank a, Row tRP Bank a, (a or all) Bank a, Row tRP |