データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APTDF30H601G データシート(PDF) 4 Page - Microsemi Corporation

部品番号 APTDF30H601G
部品情報  Fast Diode Full Bridge Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTDF30H601G データシート(HTML) 4 Page - Microsemi Corporation

  APTDF30H601G Datasheet HTML 1Page - Microsemi Corporation APTDF30H601G Datasheet HTML 2Page - Microsemi Corporation APTDF30H601G Datasheet HTML 3Page - Microsemi Corporation APTDF30H601G Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APTDF30H601G
www.microsemi.com
4- 4
SP1 Package outline (dimensions in mm)
See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4