| データシートサーチシステム |
|
R5F2L358CNFP データシート(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2L358CNFP データシート(HTML) 24 Page - Renesas Technology Corp |
|
24 / 76 page ![]() REJ03B0293-0020 Rev.0.20 Mar 12, 2010 Page 22 of 72 Under development Preliminary specification Specifications in this manual are tentative and subject to change. R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group 1. Overview Notes: 1. The pin in parentheses can be assigned by a program. 2. The number in brackets indicates the pin number for the 100P6F package. Table 1.13 Pin Name Information by Pin Number (3) Pin Number Control Pin Port I/O Pin Functions for Peripheral Modules L3AC (Note 2) L38C L36C L35C Interrupt Timer Serial Interface SSU I2C bus A/D Converter, D/A Converter, Comparator B, Voltage Detection Circuit LCD drive control circuit 85 [87] 68 49 40 P0_5 AN9 SEG5 86 [88] 69 50 41 P0_4 AN8 SEG4 87 [89] 70 51 42 P0_3 AN7 SEG3 88 [90] 71 52 43 P0_2 AN6 SEG2 89 [91] 72 53 44 P0_1 AN5 SEG1 90 [92] 73 54 45 P0_0 AN4 SEG0 91 [93] 74 55 46 VL1 92 [94] 75 56 47 VL2 93 [95] 76 57 VL3 94 [96] 77 58 48 P12_3 CL2 95 [97] 78 59 49 P12_2 CL1 96 [98] 79 60 50 VL4 97 [99] P13_7 TRGCLKB AN19 98 [100] P13_6 TRGIOB AN18 99 [1] P13_5 TRGCLKA AN17 100 [2] P13_4 TRGIOA AN16 |