データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BDE0100G データシート(PDF) 2 Page - Rohm

部品番号 BDE0100G
部品情報  Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BDE0100G データシート(HTML) 2 Page - Rohm

  BDE0100G Datasheet HTML 1Page - Rohm BDE0100G Datasheet HTML 2Page - Rohm BDE0100G Datasheet HTML 3Page - Rohm BDE0100G Datasheet HTML 4Page - Rohm BDE0100G Datasheet HTML 5Page - Rohm BDE0100G Datasheet HTML 6Page - Rohm BDE0100G Datasheet HTML 7Page - Rohm BDE0100G Datasheet HTML 8Page - Rohm BDE0100G Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BDE□□□0G Series
Technical Note
2/8
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Absolute Maximum Ratings ( Ta = 25℃ )
Parameters
Symbol
Limit
Unit
Power Supply Voltage
VDD
-0.3 to 7.0
*1
V
Input Voltage ( CTRL )
VIN
-0.3 to VDD+0.3
V
Input Current ( CTRL )
IIN
-1.0, +0.1
mA
OS terminal Voltage
VOS
-0.3 to 7.0
V
OS terminal Current
IOS
5.0
mA
Power dissipation
Pd
540※
2
mW
Storage Temperature Range
Tstg
-55 to 150
℃
*1. Not to exceed Pd
*2. Reduced by 5.40mW for each increase in Ta of 1℃ over 25℃( mounted on 70mm×70mm×1.6mm Glass-epoxy PCB )
●
Recommended Operating Condition
Parameters
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
VDD
2.9
3.0
5.5
V
Operating Temperature Range
Topr
-30
-
130
℃
●
Temperature Accuracy ( Unless otherwise specified, VDD = 3.0V )
Parameters
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Thermostat ( Temperature Switch )
Detection TemperatureAccuracy
Tacc
-
0
±4.0
±5.0
℃
Ta = -20℃~115℃
Ta = ~125℃
Detection Temperature Hysteresis
Thys
7.5
10.0
12.5
℃
Analog Output
VTemp Temperature Accuracy
TTemp
-
-
±3.5
℃
Ta = 30℃
●
Electrical Characteristics ( Unless otherwise specified, VDD = 3.0V, Ta = 25℃ )
PARAMETER
SYMBOL
LIMIT
UNIT
CONDITIONS
MIN.
TYP.
MAX.
Supply Current
IDD
-
16.0
20.0
µA
CTRL = 3.0V
Analog Output
VTemp Output Voltage
VTemp
1.716
1.753
1.790
V
Ta = 30℃
VTemp Temperature Sensitivity
VSE
-10.28
-10.68
-11.08
mV/℃
Ta = -30 to 100℃
VTemp Load Regulation
⊿
VTempRL
-
-
1
mV
difference of
IOUT : 0µA / 2µA
OS Output Open Drain
OS Leakage Current
IL
-
-
1.0
µA
OS : 5.0V
OS Output Voltage
VOL
-
-
0.4
V
IinOS = 1.2mA
CTRL
Input L Voltage
VIL
GND
-
0.6
V
Input H Voltage
VIH
2.4
-
VDD
V
*Radiation hardiness is not designed.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com