| データシートサーチシステム |
|
WM2148 データシート(PDF) 13 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM2148 データシート(HTML) 13 Page - Wolfson Microelectronics plc |
|
13 / 14 page ![]() Production Data WM2148 WOLFSON MICROELECTRONICS LTD PD Rev 1.1 February 2001 13 COMPONENT REFERENCE SUGGESTED VALUE DESCRIPTION C1 10 µF Analogue Supply Decoupling C2 0.1 µF Supply Decoupling for Reference Block C3 470pF Supply Decoupling for Reference Block - place as close to the IC as possible C4 0.1 µF Supply Decoupling for ADC C5 470pF Supply Decoupling for ADC - place as close to the IC as possible C6 0.1 µF Supply Decoupling for ADC Op-amps C7 470pF Supply Decoupling for ADC Op-amps - place as close to the IC as possible (most critical for ADC performance) C8 10 µF Digital Supply Decoupling C9 0.1 µF Supply Decoupling Clock Buffers - place as close to the IC as possible to eliminate clock jitter C10 0.1 µF Supply Decoupling for Core Logic C11 0.1 µF Supply Decoupling for Control Block C12, C13 0.1 µF Supply Decoupling for Output Drivers C14, C17, C19 10 µF Reference Decoupling C15, C16, C18, C20 0.1 µf Reference Decoupling - place as close to the IC as possible Table 6 External Components Values and Description |