| データシートサーチシステム |
|
SVR137AJS データシート(PDF) 3 Page - Solid States Devices, Inc |
|
|
|||||||||||||||||||||||||||||
SVR137AJS データシート(HTML) 3 Page - Solid States Devices, Inc |
|
3 / 3 page ![]() NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: LA0011A DOC TO-254 (M) TO-257 (J) PIN ASSIGNMENT Package Adjust Output Input TO-254 (M), TO254Z (Z), TO-257 (J), SMD.5 (S.5) Pin 1 Pin 2 Pin 3 Cerpack (G) Base Pin 1 Pin 2 TO-254Z (Z) CerPack (G) .210 (.040) .140 .010 ±.002 (.050) .370 .020 .315 .300 .105±.010 .340 1 2 2x .060 2x .100 SMD.5 (S.5) .135 .115 .408 .392 3x .020 .010 .030 MIN .128 .112 .233 .217 2x .010 MAX 2x .103 .087 .030 MIN .304 .288 Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SVR137A Series |