データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSR10C60CTGS データシート(PDF) 2 Page - Solid States Devices, Inc

部品番号 SSR10C60CTGS
部品情報  10 A / 600 V Schottky Silicon Carbide Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSDI [Solid States Devices, Inc]
ホームページ  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR10C60CTGS データシート(HTML) 2 Page - Solid States Devices, Inc

  SSR10C60CTGS Datasheet HTML 1Page - Solid States Devices, Inc SSR10C60CTGS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0036A
DOC
ELECTRICAL CHARACTERISTICS 3/
Symbol Condition
Temperature (TA)
Units
-55
°C
25
°C
150
°C
typ.
max
typ.
max
typ.
max
Instantaneous Forward Voltage Drop
(300 - 500
μsec pulse)
VF1
VF2
VF3
VF4
VF5
IF = 2.0 A
IF = 5.0 A
IF = 10.0A
IF = 5.0 A
IF = 5.0 A
---
---
---
1.3
---
---
---
---
1.8
---
1.15
1.25
1.5
---
---
1.25
1.55
1.9
---
---
---
---
---
---
1.25
---
---
---
---
1.8
VDC
Reverse Leakage Current
(300
μsec pulse min)
IR1
IR2
At rated VR
---
---
25
---
250
---
---
50
---
1000
μA
Junction Capacitance
CJ
VR = 10V
f = 1MHz
---
200
350
---
pF
NOTES:
* Pulse Test: Pulse Width = 300
μsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ For Package Outlines Contact Factory.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC
Available Part Numbers:
SSR10C40CTG
SSR10C50CTG
SSR10C60CTG
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3 (Tab)
Cerpack (G)
Anode
Anode
Cathode
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR10C60CT Series



Html Pages

1 2