| データシートサーチシステム |
|
SSR10C50CTG データシート(PDF) 2 Page - Solid States Devices, Inc |
|
|
|||||||||||||||||||||||||||||
SSR10C50CTG データシート(HTML) 2 Page - Solid States Devices, Inc |
|
2 / 2 page ![]() NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: SH0036A DOC ELECTRICAL CHARACTERISTICS 3/ Symbol Condition Temperature (TA) Units -55 °C 25 °C 150 °C typ. max typ. max typ. max Instantaneous Forward Voltage Drop (300 - 500 μsec pulse) VF1 VF2 VF3 VF4 VF5 IF = 2.0 A IF = 5.0 A IF = 10.0A IF = 5.0 A IF = 5.0 A --- --- --- 1.3 --- --- --- --- 1.8 --- 1.15 1.25 1.5 --- --- 1.25 1.55 1.9 --- --- --- --- --- --- 1.25 --- --- --- --- 1.8 VDC Reverse Leakage Current (300 μsec pulse min) IR1 IR2 At rated VR --- --- 25 --- 250 --- --- 50 --- 1000 μA Junction Capacitance CJ VR = 10V f = 1MHz --- 200 350 --- pF NOTES: * Pulse Test: Pulse Width = 300 μsec, Duty Cycle = 2% 1/ For Ordering Information, Price, and Availability Contact Factory. 2/ For Package Outlines Contact Factory. 3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC Available Part Numbers: SSR10C40CTG SSR10C50CTG SSR10C60CTG PIN ASSIGNMENT Package Pin 1 Pin 2 Pin 3 (Tab) Cerpack (G) Anode Anode Cathode Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SSR10C60CT Series |