| データシートサーチシステム |
|
WM8181 データシート(PDF) 13 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8181 データシート(HTML) 13 Page - Wolfson Microelectronics plc |
|
13 / 14 page ![]() Advanced Information WM8181 WOLFSON MICROELECTRONICS LTD AI Rev 3.0 January 2000 13 RECOMMENDED EXTERNAL COMPONENTS 11 13 3 DVDD DGND VINP VINM CLAMP MCLK VREFIN AGND2 AGND1 AVDD Clamp Control Reference Control 14 DOUT Output Data 7 6 VRB VRT C 3 DGND DVDD C 7 AGND AVDD C 8 C 4 C 6 C 5 AGND References 16 1 2 AVDD 15 10 DVDD C 1 4 5 Video Inputs 12 VSMP Timin g Si g nals WM8181 C 1 to C 6 should be fitted as close to NOTES: AGND and DGND should be connected as close to WM8181 as possible. WM8181 as possible. 1. 2. C 2 ++ Figure 6 Recommended External Components Diagram COMPONENT REFERENCE SUGGESTED VALUE DESCRIPTION C1 0.1 µF Decoupling for DVDD. C2 0.1 µF Decoupling for AVDD. C3 0.1 µF High frequency decoupling between VRT and VRB. C4 1 µF Low frequency decoupling between VRT and VRB (non-polarised, optional). C5 0.1 µF Decoupling for VRB. C6 0.1 µF Decoupling for VRT. C7 10 µF Reservoir capacitor for DVDD. C8 10 µF Reservoir capacitor for AVDD. Table 2 External Components Description |