データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SG1644L/DESC データシート(PDF) 6 Page - Microsemi Corporation

部品番号 SG1644L/DESC
部品情報  DUAL HIGH SPEED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1644L/DESC データシート(HTML) 6 Page - Microsemi Corporation

  SG1644L/DESC Datasheet HTML 1Page - Microsemi Corporation SG1644L/DESC Datasheet HTML 2Page - Microsemi Corporation SG1644L/DESC Datasheet HTML 3Page - Microsemi Corporation SG1644L/DESC Datasheet HTML 4Page - Microsemi Corporation SG1644L/DESC Datasheet HTML 5Page - Microsemi Corporation SG1644L/DESC Datasheet HTML 6Page - Microsemi Corporation SG1644L/DESC Datasheet HTML 7Page - Microsemi Corporation SG1644L/DESC Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Rev 1.2a
Copyright
© 1997
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
6
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
SG1644/SG2644/SG3644
FIGURE 12.
In this push pull converter circuit, the control capailities of the SG1524B PWM are combined with the powerful totem-pole drivers
found in the SG1644 (see SG1626 for example). This inexpensive configuration results in very fast charge and discharge of the
power MOSFET gate capacitance for efficient switching.
FIGURE 13.
When the peak current capabilites of PWM's such as 1525A or 1526B are not sufficient to drive high capacitive loads fast enough,
SG1644 is one solution to this problem. This combination is especially suited for full bridge applications where high input
capacitance MOSFETs are being used. Diodes D1 and D2 are necessary if the leakage inductance of the drive transformer will
drive the output pins negative.
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8