| データシートサーチシステム |
|
HTA20005S/EM データシート(PDF) 4 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
HTA20005S/EM データシート(HTML) 4 Page - International Rectifier |
|
4 / 14 page ![]() 4 www.irf.com HTA-SERIES Electrical Performance Characteristics ( continued ) For Notes to Electrical Performance Characteristics, refer to page 5 Limits Parameter Group A Subgroup Conditions -35 °C ≤ TC ≤ +185°C VIN = 200V DC ± 5%, CL = 0 unless otherwise specified Min Nom Max Unit Under Voltage Lockout Turn-on ( input voltage rising ) Turn-off ( input voltage decreasing ) 1,2,3 1,2,3 No load, Full load Notes 1, 4 119 146 V Synchronization Frequency Range Pulse Amplitude, High Pulse Amplitude, Low Pulse Rise Time Pulse Duty Cycle 1,2,3 1,2,3 1,2,3 Note 1 500 2.0 -0.5 20 650 10 0.8 100 80 KHz V V ns % Transient Recovery Specification Transient Load Response Half to Full Load Transient Load Response Full to Half Load Transient Load Response 10% to Half Load Transient Load Response Half to 10% Load 4,5,6 4,5,6 4,5,6 4,5,6 Notes 4, 10, 11, 12 Overshoot Recovery Time Overshoot Recovery Time Overshoot Recovery Time Overshoot Recovery Time 10 300 10 450 15 300 15 450 % µs % µs % µs % µs Enable Input ( Inhibit Function ) open circuit voltage drive current ( sink ) voltage range 1,2,3 Note 1 3.0 -0.5 5.0 100 50 V µA V Current Limit Point Expressed as a percentage of full rated load current 1 2 3 VOUT = 90% of Nominal, Note 4 115 105 130 175 150 220 % Power dissipation, load fault ( PD ) 1,2,3 Short Circuit, Overload, Note 8 30 W Turn-on Response Overshoot ( VOS) Turn-on Delay (TDLY ) 4,5,6 No Load, Full Load Notes 4, 9 2.0 10 200 % ms Capacitive Load ( CL ) HTA20003R3S HTA20005S HTA20012S HTA20015S HTA20005D HTA20012D HTA20015D 1 IOUT = 100% rated load No effect on DC performance Notes 1, 4, 7 Each output on duals 2200 1000 180 120 500 90 60 µF Line Rejection 1 MIL-STD-461, CS101 30Hz to 50KHz, Notes 1, 4 40 50 dB Isolation 1 Input to Output or Any Pin to Case except pin 3, test @ 500VDC 100 M Ω Device Weight 70 g |