| データシートサーチシステム |
|
SS809-29GU データシート(PDF) 3 Page - Silicon Standard Corp. |
|
|
|||||||||||||||||||||||||||||
SS809-29GU データシート(HTML) 3 Page - Silicon Standard Corp. |
|
3 / 8 page ![]() www.SiliconStandard.com 3 of 8 SS809/810G 9/20/2006 Rev.3.01 ABSOLUTE MAXIMUM RATINGS VCC -0.3V ~6.5V RESET, RESET -0.3V ~ (VCC+0.3V) Input Current (VCC) 20mA Output Current (RESET or RESET ) 20mA Continuous Power Dissipation (TA = +70 °C) 320mW Operating Junction Temperature Range -40 °C ~ 85°C Storage Temperature Range - 65 °C ~ 125°C Lead Temperature (Soldering) 10 sec 260 °C Note1: Any stress beyond the Absolute Maximum Ratings above may cause permanent damage to the device. TEST CIRCUIT RESET 2 VCC 3 GND 1 SS809G Vin Iin |