| データシートサーチシステム |
|
SS4036G データシート(PDF) 4 Page - Silicon Standard Corp. |
|
|
|||||||||||||||||||||||||||||
SS4036G データシート(HTML) 4 Page - Silicon Standard Corp. |
|
4 / 9 page ![]() www.SiliconStandard.com 4 of 9 SS4036G 1/09/2006 Rev.3.01 FUNCTIONAL DESCRIPTION PBV PPV PMV ITC PEV PLV PCV ICV ICC Trickle Charge CC Charge CV Charge Finished Capacity Figure 1. Typical Charge Profile A well-known Li-Ion charge algorithm is used by the the SS4036G to control the charging. Figure 1 shows shows the typical charge profile. Figure 2 is the control flow chart. During the process of charging, the SS4036G continuously monitors each cell voltage, current and the battery temperature. Any unqualified condition will stop the charging to protect the battery cells. |