データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X24012PI データシート(PDF) 3 Page - Xicor Inc.

部品番号 X24012PI
部品情報  Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XICOR [Xicor Inc.]
ホームページ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24012PI データシート(HTML) 3 Page - Xicor Inc.

  X24012PI Datasheet HTML 1Page - Xicor Inc. X24012PI Datasheet HTML 2Page - Xicor Inc. X24012PI Datasheet HTML 3Page - Xicor Inc. X24012PI Datasheet HTML 4Page - Xicor Inc. X24012PI Datasheet HTML 5Page - Xicor Inc. X24012PI Datasheet HTML 6Page - Xicor Inc. X24012PI Datasheet HTML 7Page - Xicor Inc. X24012PI Datasheet HTML 8Page - Xicor Inc. X24012PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
X24012
3
DEVICE OPERATION
The X24012 supports a bidirectional bus oriented proto-
col. The protocol defines any device that sends data
onto the bus as a transmitter, and the receiving device
as the receiver. The device controlling the transfer is a
master and the device being controlled is the slave. The
master will always initiate data transfers and provide the
clock for both transmit and receive operations. There-
fore, the X24012 will be considered a slave in all
applications.
Clock and Data Conventions
Data states on the SDA line can change only during SCL
LOW. SDA state changes during SCL HIGH are re-
served for indicating start and stop conditions. Refer to
Figures 1 and 2.
Start Condition
All commands are preceded by the start condition,
which is a HIGH to LOW transition of SDA when SCL is
HIGH. The X24012 continuously monitors the SDA and
SCL lines for the start condition and will not respond to
any command until this condition has been met.
Figure 1. Data Validity
Figure 2. Definition of Start and Stop
SCL
SDA
DATA STABLE
DATA
CHANGE
SCL
SDA
START BIT
STOP BIT
3847 FHD F05
3847 FHD F06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14