| データシートサーチシステム |
|
SS6783ACSTB データシート(PDF) 9 Page - Silicon Standard Corp. |
|
|
|||||||||||||||||||||||||||||
SS6783ACSTB データシート(HTML) 9 Page - Silicon Standard Corp. |
|
9 / 12 page ![]() www.SiliconStandard.com 9 of 12 SS6783A(G) 1/11/2005 Rev.2.10 Power ON LED Flash 3 Times If VBT in Normal Range LED Displays Abnormal, ICON ON, Safety Timer Reset LED Display Fast Charge (ICON OFF) If Safety Timer Period has Finished LED Display Battery Fulll, Fast Charge Finished, Trickle Charge Starts Battery Replacement No Yes If Initial Timer Finished Yes Charging (ICON OFF) No If VBT in Normal Range Yes If 0 ∆V is Detected If -0.25% ∆V is Detected No Yes Yes Yes Yes No No No No Fig. 12 Function Flow Chart of SS6783A |