| データシートサーチシステム |
|
X28C64DM データシート(PDF) 20 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X28C64DM データシート(HTML) 20 Page - Xicor Inc. |
|
20 / 25 page ![]() 20 X28C64 0.2980 (7.5692) 0.2920 (7.4168) 0.4160 (10.5664) 0.3980 (10.1092) 0.0192 (0.4877) 0.0138 (0.3505) 0.0160 (0.4064) 0.0100 (0.2540) 0.050 (1.270) BSC 0.7080 (17.9832) 0.7020 (17.8308) 0.0110 (0.2794) 0.0040 (0.1016) 0.1040 (2.6416) 0.0940 (2.3876) 0.0350 (0.8890) 0.0160 (0.4064) 0.0125 (0.3175) 0.0090 (0.2311) 0 ° – 8° X 45 ° 3926 FHD F17 28-LEAD PLASTIC SMALL OUTLINE GULL WING PACKAGE TYPE S NOTES: 1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS) 2. FORMED LEAD SHALL BE PLANAR WITH RESPECT TO ONE ANOTHER WITHIN 0.004 INCHES 3. BACK EJECTOR PIN MARKED “KOREA” 4. CONTROLLING DIMENSION: INCHES (MM) SEATING PLANE BASE PLANE PACKAGING INFORMATION |