データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSM85T08GP データシート(PDF) 1 Page - Silicon Standard Corp.

部品番号 SSM85T08GP
部品情報  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM85T08GP データシート(HTML) 1 Page - Silicon Standard Corp.

  SSM85T08GP Datasheet HTML 1Page - Silicon Standard Corp. SSM85T08GP Datasheet HTML 2Page - Silicon Standard Corp. SSM85T08GP Datasheet HTML 3Page - Silicon Standard Corp. SSM85T08GP Datasheet HTML 4Page - Silicon Standard Corp. SSM85T08GP Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
N-CHANNEL ENHANCEMENT MODE
POWER MOSFET
08/06/2007 Rev.1.00
www.SiliconStandard.com
1
SSM85T08GP
PRODUCT SUMMARY
Simple Drive Requirement
Low On-resistance
Fast Switching Characteristic
DESCRIPTION
The Advanced Power MOSFETs from Silicon Standard Corp.
provide the designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The TO-263 package is universally preferred for all commercial-
industrial surface mount applications and suited for low voltage
applications such as DC/DC converters.
The through-hole version
(SSM85T08GP) are available for low-profile applications.
ABSOLUTE MAXIMUM RATINGS
BVDSS
80V
RDS(ON)
13mΩ
ID
75A
G
D
S
G D
S
TO-263(S)
G
D
S
TO-220(P)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
W/℃
EAS
Single Pulse Avalanche Energy
3
mJ
IAR
Avalanche Current
A
TSTG
℃
TJ
℃
Symbol
Value
Units
Rthj-c
Thermal Resistance Junction-case
Max.
0.9
℃/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
62
℃/W
THERMAL DATA
Parameter
Storage Temperature Range
Total Power Dissipation
138
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
1.11
Continuous Drain Current, VGS @ 10V
48
Pulsed Drain Current
1
260
Gate-Source Voltage
±20
Continuous Drain Current, VGS @ 10V
75
Parameter
Rating
Drain-Source Voltage
80
450
30
Pb-free; RoHS-compliant


同様の部品番号 - SSM85T08GP

メーカー部品番号データシート部品情報
logo
Silicon Standard Corp.
SSM85T03GH SSC-SSM85T03GH Datasheet
293Kb / 5P
N-channel Enhancement-mode Power MOSFET
SSM85T03GJ SSC-SSM85T03GJ Datasheet
293Kb / 5P
N-channel Enhancement-mode Power MOSFET
More results

同様の説明 - SSM85T08GP

メーカー部品番号データシート部品情報
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com