| データシートサーチシステム |
|
LT10.7MS2DP データシート(PDF) 6 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
LT10.7MS2DP データシート(HTML) 6 Page - Token Electronics Industry Co., Ltd. |
|
6 / 48 page ![]() Filter Terminologies Input/Output Impedance (Unit: Ω) Signifies the internal impedance value of the input and output side at the center frequency of ceramic piezoelectricity, and it is expressed in Ω. It causes no problem even if the input and the output are used in reverse with ceramic piezoelectricity, since the input and the output impedance are in a symmetry of substantially almost same value. ● Impedance Matching When connecting one electric circuit to another, or a component to another, or one electric circuit to a component, the electric energy is supplied most efficiently from the signal source to the load if the signal source impedance and the load impedance are same. If these impedances are mismatched, electric energy escapes in form of a reflection. To match the signal source impedance and the load impedance is called the impedance matching. This is very important for ceramic piezoelectricity, as an improper impedance matching may cause various troubles. ● TOKEN 04 of 46 Version 2010 http://www.token.com.tw/ rfq token.com.tw |